PART |
Description |
Maker |
SMARTHCF |
Host-Controlled, V.90/K56flex Modem Device Set
|
Conexant
|
HCFL/56 R6764-21 R6764-24 R6785-21 |
V.90/K56flex PC Card Device Sets for Host-Controlled, Low Power Applications V90/K56 flex PC card device set
|
Conexant
|
PL-2501 |
Hi-Speed USB Host to Host Bridge Controller
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|
CL7512AEQC208-15 |
Laser processed logic device
|
CLEARLOGIC
|
AT43USB370 |
Full speed, USB 2.0 compliant host/function processor with embedded USB host stack and device driver firmware. Please
|
Atmel
|
ADSP-2184NBST-320 ADSP-2184NKST-320 ADSP-2185NBST- |
16-Bit, 80MIPS, 1.8V, 2 Serial Ports, Host Port, 256KB RAM 16-Bit, 80MIPS, 1.8V, 2 Serial Ports, Host Port, 160KB RAM 16-Bit, 80MIPS, 1.8V, 2 Serial Ports, Host Port, 80KB RAM 16-Bit, 80MIPS, 1.8V, 2 Serial Ports, Host Port, 192KB RAM 16-Bit, 80MIPS, 1.8V, 2 Serial Ports, Host Port, 20KB RAM 16-Bit, 80MIPS, 1.8V, 2 Serial Ports, Host Port, 40KB RAM DSP Microcomputer
|
Analog Devices
|
FT311D FT311D-32L1C FT311D-32L1C-R FT311D-32L1C-X |
The FT311D is a Full Speed USB host specifically targeted at providing access to peripheral hardware from an Android platform with a USB device port.null USB Android Host IC
|
Future Technology Devic...
|
CY7C67300-100AXA CY7C67300-100AXI CY7C67300-100AXI |
EZ-Host?/a> Programmable Embedded USB Host and Peripheral Controller with Automotive AEC Grade Support EZ-Host Programmable Embedded USB Host and Peripheral Controller with Automotive AEC Grade Support
|
Cypress Semiconductor http://
|
CY7C6730006 |
EZ-Host Programmable Embedded USB Host and Peripheral Controller with Automotive AEC Grade Support EZ-Host⑩ Programmable Embedded USB Host and Peripheral Controller with Automotive AEC Grade Support
|
Cypress Semiconductor
|
CSP1034C CSP1035A DSP1648C CSP1027 |
(CSP10xx) Host Based Controller V.92 Modem Chip Set Host-Based Controller V.92 Modem Chip Set
|
AGERE[Agere Systems]
|
MVCA1Z MVCA2Z |
SD Card Host IP
|
Panasonic Semiconductor
|